Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3978 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 3Page - STMicroelectronics AN3978 Datasheet HTML 4Page - STMicroelectronics AN3978 Datasheet HTML 5Page - STMicroelectronics AN3978 Datasheet HTML 6Page - STMicroelectronics AN3978 Datasheet HTML 7Page - STMicroelectronics AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN3978
Schematic design
Doc ID 022179 Rev 1
7/19
1.2
Diagnostic signal interface
The diagnostic signal interface is implemented in a similar way to the input interface. The
appropriate part of the schematic diagram can be seen in Figure 3.
Figure 3.
Diagnostic signals circuit
In this case, the optocoupler LED current appears in the range from 1.3 mA to 5.2 mA
depending on supply voltage Vs. Symmetrical LED resistors are chosen in order to optimize
EMC immunity and split power dissipation. In order to comply with the logic levels on the
control side, an appropriate external pull-up resistor is necessary. The value selected for the
L6370Q application is 10 k
Ω.
If the L6370Q open drain diagnostic driver is OFF, no current flows through the optocoupler
LED and the optotransistor is therefore OFF. Logic high level is provided by the
10 k
Ω pull-up resistor.
If the diagnostic is active (ON), the optocoupler LED is powered and the optotransistor
conducts a current depending on a load. Minimum current to ensure TTL low level
compatibility (0.7 V max.) is:
(Vlogic - Vlmax) / PullUp = (5 V - 0.7 V) / 10000 = 0.43 mA. This condition is also in
accordance with TLP281 characteristics.
1.3
Supply voltage line protection
L6370Q supply voltage lines are protected against surges, reverse polarity and other
disturbances with the external filter, as shown in Figure 4.
Figure 4.
Supply voltage protection filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com