Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4085 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4085
Description  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4085 Datasheet HTML 3Page - STMicroelectronics AN4085 Datasheet HTML 4Page - STMicroelectronics AN4085 Datasheet HTML 5Page - STMicroelectronics AN4085 Datasheet HTML 6Page - STMicroelectronics AN4085 Datasheet HTML 7Page - STMicroelectronics AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics AN4085 Datasheet HTML 10Page - STMicroelectronics AN4085 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID023052 Rev 2
7/16
AN4085
Discharging the EFL700A39 battery
16
To prevent deep discharge damage, a battery voltage sense and disconnection circuit - with
a threshold voltage higher than 3.0 V - has to be put in place using a battery management
IC such as ST SPV1050 device. These ICs must have a very low leakage current drawn
from the battery specifically when the battery is disconnected.
The Table 1 provides some example of allowable elapse time in battery disconnect mode for
different settings of battery disconnect threshold voltage and different settings of leakage
current of the battery management IC. For each case of the Table 1, if the duration of the
battery disconnection is longer than these values, the voltage of the EnFilm can drop down
below 3.0 V with a risk of unrecoverable damage.
For example, referring to the product datasheet of the ST SPV1050 IC, the leakage is
specified below 1 nA as shown in the Table 2 and the cut-off voltage is adjustable from 2.1 V
up to 3.6 V (“2.1 V TO 3.6 V trimmable battery under voltage protection level”).
Choosing a 3.60 V cut-off voltage setup ensures, according to the Table 1, 17 months of
EFL700A39 micro-battery survival time. It means that once the battery is disconnected, a
source of energy like a harvester has to charge the EFL700A39 before 17 months (1.4
years).
3.2.3
Recommended maximum load current overtemperature
The Figure 5 provides the characteristics of the EFL700A39 internal resistance on the
battery operating temperature range. The battery internal resistance is decreasing when the
temperature is rising.
The Figure 6 shows the maximum load current available over the ambient temperature for
safe operating cut-off voltages of 3.0V (minimum), 3.2 V, 3. 4V and 3.6 V.
Table 1. EFL700A39 elapsed time from battery disconnect until 3.0 V maximum
discharge level for different leakage current at 30 °C temperature
Battery disconnect
threshold voltage
IC leakage current in battery disconnect mode
1nA
10nA
100nA
3.80V
3 years
9 months
36 days
3.60V
17 months
4 months
17 days
3.40V
8 months
2 months
8 days
3.20V
2 months
19 days
2 days
Table 2. ST SPV1050 datasheet extract for leakage current in battery disconnect mode
Sumbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Static current consumption
ISD
Shutdown current
Shut down mode:
Before first startup or BATT_CONN
high
TAMB < 60 °C
1nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com