Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4140 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4140 Datasheet HTML 1Page - STMicroelectronics AN4140 Datasheet HTML 2Page - STMicroelectronics AN4140 Datasheet HTML 3Page - STMicroelectronics AN4140 Datasheet HTML 4Page - STMicroelectronics AN4140 Datasheet HTML 5Page - STMicroelectronics AN4140 Datasheet HTML 6Page - STMicroelectronics AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN4140
Application circuit
Doc ID 023412 Rev 1
5/17
3
Application circuit
Figure 2.
Application schematic
Table 1.
List of external components
Comp.
Manufacturer
Part number
Value
Size
Ratings
L
CoilCraft
Murata
CoilCraft
LPS6235473MLB
LQH6PPN470M43
MSS1038473MLB
47 µH
6 x 6 x 3.5 mm
6 x 6 x 4.3 mm
10 x 10 x 3.8 mm
I = 1.2 A, DCR = 0.245
Ω
I = 1.25 A, DCR = 0.23
Ω
I = 2.22 A, DCR = 0.13
Ω
CIN
Murata
GRM32ER71H106K
10 µF
1210
±10%, X7R, 50 V
COUT
Murata
GRM31CR61H225KA88L
2.2 µF
1206
±15%, X5R, 50 V
D
STMicroelectronics
STPS1L40M
1 A
3.75 x 1 x 1.9 mm
40 V
RSENSE
0.4
Ω –
1.6
Ω
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com