Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4154 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4154 Datasheet HTML 1Page - STMicroelectronics AN4154 Datasheet HTML 2Page - STMicroelectronics AN4154 Datasheet HTML 3Page - STMicroelectronics AN4154 Datasheet HTML 4Page - STMicroelectronics AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN4154
Electrical specifications
Doc ID 023578 Rev 2
5/21
Figure 2.
ALTAIR04-900 pin connection (top view)
Figure 3.
Package (SO-16)
ALTAIR04-900 operation modes
The device is an all-primary sensing switching regulator, based on quasi-resonant flyback
topology. Depending on the converter load condition, the device is able to work in different
modes (see
Figure 4):
1.
QR mode at heavy load. Quasi-resonant operation lies in synchronizing MOSFET turn-
on to the transformer's demagnetization by detecting the resulting negative-going edge
of the voltage across any winding of the transformer. The system then works close to
the boundary between discontinuous (DCM) and continuous conduction (CCM) of the
transformer. As a result, the switching frequency is different for different line/load
conditions (see the hyperbolic-like portion of the curves in
Figure 4). Minimum turn-on
losses, low EMI emission and safe behavior in short-circuit are the main benefits of this
kind of operation.
2.
Valley-skipping mode at medium/ light load. Depending on voltage on the COMP pin,
the device defines the maximum operating frequency of the converter. As the load is
reduced MOSFET turn-on no longer occurs on the first valley but on the second one,
the third one and so on. In this way the switching frequency is no longer increased
(piecewise linear portion in
Figure 4).
3.
Burst-mode with no or very light load. When the load is extremely light or disconnected,
the converter enters a controlled on/off operation with constant peak current.
Decreasing the load results in frequency reduction, which can go down even to few a
hundred hertz, therefore minimizing all frequency-related losses and making it easier to
comply with energy saving regulations or recommendations. The peak current being
very low, no issue of audible noise arises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com