Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4159 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 5Page - STMicroelectronics AN4159 Datasheet HTML 6Page - STMicroelectronics AN4159 Datasheet HTML 7Page - STMicroelectronics AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics AN4159 Datasheet HTML 12Page - STMicroelectronics AN4159 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN4159
PCB design rules
Doc ID 023639 Rev 3
9/27
4
PCB design rules
The pressure sensor senses mechanical stress coming from the PCB board, hence it
should be kept minimal.
PCB land and solder masking general recommendations are shown below. Refer to the
LPS331AP datasheet for pad count, size and pitch.
●
It is recommended to open a solder mask external to PCB land
●
The area below the sensor (on the same side of the board) must be defined as keepout
area. It is strongly recommended not to place any structure in top metal layer
underneath the sensor.
●
Traces connected to pads should be as much symmetric as possible. Symmetry and
balance for pad connection will help component self alignment and will lead to a better
control of solder paste reduction after reflow
●
For better performances over temperature, it is strongly recommended not to place
large insertion components like buttons or shielding boxes at distances less than 2 mm
from the sensor
●
Pin #1 indicator must be left unconnected to ensure proper device operation
Figure 6.
Recommended land and solder mask design for LGA packages
●
A = Clearance from PCB land edge to solder mask opening
≥ 0.25 mm to ensure that
solder mask is opened externally to device area
●
B = PCB land length = LGA solder pad length + 0.1 mm
●
C = land width = LGA solder pad width + 0.1 mm
●
D = Solder mask opening length = PCB land length + 0.3 mm: design 0.05 mm inside
and 0.25 mm outside
●
E = Solder mask opening width = PCB land width + 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com