Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4164 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4164 Datasheet HTML 1Page - STMicroelectronics AN4164 Datasheet HTML 2Page - STMicroelectronics AN4164 Datasheet HTML 3Page - STMicroelectronics AN4164 Datasheet HTML 4Page - STMicroelectronics AN4164 Datasheet HTML 5Page - STMicroelectronics AN4164 Datasheet HTML 6Page - STMicroelectronics AN4164 Datasheet HTML 7Page - STMicroelectronics AN4164 Datasheet HTML 8Page - STMicroelectronics AN4164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN4164
List of figures
Doc ID 023660 Rev 1
5/38
List of figures
Figure 1.
Demonstration board image . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
VDD waveforms IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
VDD waveforms IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Transformer, pin distances. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
Transformer, electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Transformer side view 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Transformer side view 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Drain current/voltage at 115 Vac, max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Drain current/voltage at 230 Vac, max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Drain current/voltage at 90 Vac, max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
Drain current/voltage at 265 Vac, max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Line regulation, IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
Line regulation, IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
Load regulation, IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 16.
Load regulation, IC self-biased (J1 not selected). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
Output voltage ripple at 115 VAC no load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 18.
Output voltage ripple at 230 VAC no load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 19.
Output voltage ripple at 115 VAC 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 20.
Output voltage ripple at 230 VAC 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 21.
Active mode efficiency of the demonstration board and comparison
with energy efficiency standards (IC externally biased) . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 22.
PIN vs. VIN at no load and light load; IC externally biased (J1 selected) . . . . . . . . . . . . . . 17
Figure 23.
PIN vs. VIN at no load and light load, IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . 17
Figure 24.
Efficiency at PIN = 1 W; IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 25.
Efficiency at PIN = 1 W; IC self biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
PIN at POUT = 250 mW; IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 27.
PIN at POUT = 250 mW; IC self biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 28.
Soft-start @ startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 29.
Soft-start @ startup (zoom) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 30.
OLP short-circuit applied: OLP tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 31.
Output short-circuit maintained: OLP steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 32.
Output short-circuit maintained: OLP steady-state (zoom) . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 33.
Output short-circuit removal and converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 34.
Feedback loop failure protection: tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 35.
Feedback loop failure protection: steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 36.
Feedback loop failure protection: steady-state, zoom . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 37.
Feedback loop failure protection: converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 38.
Control loop block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 39.
Thermal measurement at VIN = 90 VAC, full load, IC externally biased . . . . . . . . . . . . . . . 26
Figure 40.
Thermal measurement at VIN = 115 VAC, full load, IC externally biased . . . . . . . . . . . . . . 26
Figure 41.
Thermal measurement at VIN = 230 VAC, full load, IC externally biased . . . . . . . . . . . . . . 27
Figure 42.
Thermal measurement at VIN = 265 VAC, full load, IC externally biased . . . . . . . . . . . . . . 27
Figure 43.
Thermal measurement at VIN = 90 VAC, Iout = 310 mA, IC self biased . . . . . . . . . . . . . . . 27
Figure 44.
Thermal measurement at VIN = 115 VAC, Iout = 310 mA, IC self biased . . . . . . . . . . . . . . 28
Figure 45.
Thermal measurement at VIN = 230 VAC, full load, IC self biased . . . . . . . . . . . . . . . . . . . 28
Figure 46.
Thermal measurement at VIN = 265 VAC, full load, IC self biased . . . . . . . . . . . . . . . . . . . 28
Figure 47.
Average measurements at full load, TAMB=25 ×C, 115 VAC, IC externally biased . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com