Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4165 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 3Page - STMicroelectronics AN4165 Datasheet HTML 4Page - STMicroelectronics AN4165 Datasheet HTML 5Page - STMicroelectronics AN4165 Datasheet HTML 6Page - STMicroelectronics AN4165 Datasheet HTML 7Page - STMicroelectronics AN4165 Datasheet HTML 8Page - STMicroelectronics AN4165 Datasheet HTML 9Page - STMicroelectronics AN4165 Datasheet HTML 10Page - STMicroelectronics AN4165 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN4165
Circuit description
Doc ID 023661 Rev 1
7/37
2
Circuit description
The power supply is set in flyback topology. The complete schematic is given in
Figure 2. A
simplified schematic for VOUT ≥12 V and the relevant BOM are given in Figure 3 and in
Table 2 respectively. The input section includes a resistor R1 and an NTC for inrush current
limiting, a diode bridge (D0) and a Pi filter for EMC suppression (C1, L2, C2). The
transformer core is a standard E20. A Transil™ clamp network (D1, D4) is used for leakage
inductance demagnetization. The output voltage value is set simply through the R3-R4
voltage divider between the output terminal and the FB pin, according to the following
formula:
Equation 1
In fact, the FB pin is the input of an error amplifier and is an accurate 3.3 V voltage
reference. In the schematic the resistor R4 has been split into R4a and R4b in order to allow
better tuning of the output voltage value. The compensation network is connected between
the COMP pin (which is the output of the error amplifier) and the GND pin and consists of
C7, C8 and R7. The output rectifier D3 has been selected according to the calculated
maximum reverse voltage, forward voltage drop and power dissipation and is a power
Schottky. A resistor has been connected between the LIM and GND pins in order to reduce
the IDLIM to the value needed to supply the required output power, limiting the stress on the
power components.
At power-up the DRAIN pin supplies the internal HV startup current generator which
charges the VDD capacitor, C4, up to VDDon. At this point, the Power MOSFET starts
switching, the generator is turned off and the IC is powered by the energy stored in C4. If the
nominal value of VOUT exceeds the VDDcson threshold of the VIPER26 by a small signal
diode forward voltage drop, the IC can be supplied directly from the output, selecting jumper
J2 which is shown as open in
Figure 2 (ie. no selection of either jumper J1 or J2 is
indicated). In this case jumper J1 is open because the auxiliary winding of the transformer is
not needed and the schematic can be simplified, as shown in
Figure 3. Since
VDDcsonmax = 11.5 V, the minimum value of VOUT allowing this connection is 12 V. If
VOUT < 12 V, the VIPER26 must be supplied through the auxiliary winding of the transformer
(J1 selected, J2 open in
Figure 2), delivering to the VDD pin a voltage higher than VDDcson.
The voltage generated by the auxiliary winding increases with the load on the regulated
output. An external clamp (D5, R1) can be added in this case, in order to avoid exceeding
the VDD operating range.
The figures and measurements in this document refer to a case in which VDD is supplied
from the output, i.e. to the simplified schematic shown in
Figure 3.
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
=
4
3
1
3
.
3
R
R
V
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com