Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4241 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN4241
Motion engine
Doc ID 024193 Rev 1
9/18
The absolute positioning commands are GoTo and GoTo_DIR. The former moves the motor
to the position target choosing the rotation direction according to a minimum path algorithm
(i.e. the lower number of microsteps is executed) whereas the latter imposes the direction
directly.
Figure 5.
Absolute positioning command example
If a GoTo command is requested when the motor is running, the minimum path algorithm
also considers the steps required to reverse the direction (see Figure 6).
Figure 6.
Minimum path algorithm when motor is running
The GoTo and GoTo_DIR can only be executed when no other commands are under
execution.
2.2.1
Change the target position of the on-the-fly command
If a Run command is sent to the device during the execution of a GoTo command, it aborts
the previous command. This effect can be used to change the target position of the motion
engine on-the-fly.
0
h200000
h3FFFFF
h1FFFFF
h000001
0
h200000
h3FFFFF
h1FFFFF
h000001
Starting position
Starting position
Target position
Target position
GoTo
GoTo_DIR(Forward)
AM16591v1
0
h200000
>
then forward direction is used.
h3FFFFF
h1FFFFF
h000001
Current position
Zero speed position
(where the motor will stop if it starts decelerating)
Target position
Motor is running
in forward direction
Forward direction path
Forward direction path
Reverse direction path
Reverse direction path
AM16592v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com