Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0682 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0682
Description  Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0682 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0682 Datasheet HTML 1Page - STMicroelectronics UM0682 Datasheet HTML 2Page - STMicroelectronics UM0682 Datasheet HTML 3Page - STMicroelectronics UM0682 Datasheet HTML 4Page - STMicroelectronics UM0682 Datasheet HTML 5Page - STMicroelectronics UM0682 Datasheet HTML 6Page - STMicroelectronics UM0682 Datasheet HTML 7Page - STMicroelectronics UM0682 Datasheet HTML 8Page - STMicroelectronics UM0682 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UM0682
Power supply
3/10
1
Power supply
The STEVAL-TLL005V1 can be powered either by a mobile Li-Ion battery (battery mode), or
an external 5 V DC power supply (external power supply mode).
1.1
Battery mode
To power the STEVAL-TLL005V1 by battery, perform the following steps:
●
Connect the battery across header H5
●
Position the jumper across pins 2-3 of J2 (as shown in Figure 2)
When the STEVAL-TLL005V1 is connected to the PC via USB, the battery begins charging
automatically with a current of approximately 200 mA. The battery used in testing the
system is a NOKIA BL-5B.
1.2
External power supply mode
If using an external 5 V DC power supply to power the demonstration board, perform the
following steps:
●
Connect the external DC power supply across header H4
●
Position the jumper across pins 1-2 of J2 (as shown in Figure 3)
Figure 2.
J2 connect details for battery mode
AM01304v1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com