Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCR820N65 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DCR820N65
Description  Phase Control Thyristor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR820N65 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DCR820N65 Datasheet HTML 1Page - Dynex Semiconductor DCR820N65 Datasheet HTML 2Page - Dynex Semiconductor DCR820N65 Datasheet HTML 3Page - Dynex Semiconductor DCR820N65 Datasheet HTML 4Page - Dynex Semiconductor DCR820N65 Datasheet HTML 5Page - Dynex Semiconductor DCR820N65 Datasheet HTML 6Page - Dynex Semiconductor DCR820N65 Datasheet HTML 7Page - Dynex Semiconductor DCR820N65 Datasheet HTML 8Page - Dynex Semiconductor DCR820N65 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SEMICONDUCTOR
DCR820N65
2/11
www.dynexsemi.com
CURRENT RATINGS
Tcase = 60°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IT(AV)
Mean on-state current
Half wave resistive load
820
A
IT(RMS)
RMS value
-
1288
A
IT
Continuous (direct) on-state current
-
1090
A
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
ITSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 125°C
12.0
kA
I
2t
I
2t for fusing
VR = 0
0.72
MA
2s
THERMAL AND MECHANICAL RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Rth(j-c)
Thermal resistance
– junction to case
Double side cooled
DC
-
0.0221
°C/W
Single side cooled
Anode DC
-
0.041
°C/W
Cathode DC
-
0.0516
°C/W
Rth(c-h)
Thermal resistance
– case to heatsink
Clamping force 23 kN
Double side
-
0.004
°C/W
(with mounting compound)
Single side
-
0.008
°C/W
Tvj
Virtual junction temperature
Blocking VDRM / VRRM
-
125
°C
Tstg
Storage temperature range
-55
125
°C
Fm
Clamping force
20.0
25.0
kN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com