Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC660 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 5 Page - Linear Technology

  LTC660 Datasheet HTML 1Page - Linear Technology LTC660 Datasheet HTML 2Page - Linear Technology LTC660 Datasheet HTML 3Page - Linear Technology LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC660
PIN
NAME
INVERTER
DOUBLER
1
BOOST
Internal Oscillator Frequency Control Pin.
Same
BOOST = Open, fOSC = 10kHz typ;
BOOST = V +, fOSC = 80kHz typ; when OSC is driven
externally BOOST has no effect.
2CAP +
Positive Terminal for Charge Pump Capacitor
Same
3
GND
Power Supply Ground Input
Positive Voltage Input
4CAP –
Negative Terminal for Charge Pump Capacitor
Same
5VOUT
Negative Voltage Output
Power Supply Ground Input
6
LV
Tie LV to GND when the input voltage is less than 3V.
LV must be tied to VOUT for all input voltages.
LV may be connected to GND or left open for input
voltages above 3V. Connect LV to GND when
overdriving OSC.
7
OSC
An external capacitor can be connected to this pin to
Same except standard logic levels will not be able to
slow the oscillator frequency. Keep stray capacitance
overdrive OSC pin.
to a minimum. An external oscillator can be applied
to this pin to overdrive the internal oscillator.
8V +
Positive Voltage Input
Positive Voltage Output
PIN FUNCTIONS
TEST CIRCUIT
V+
LTC660
1
2
3
4
8
7
6
5
C1
150
µF
V+
5V
EXTERNAL
OSCILLATOR
COSC
VOUT
LTC660 • F01
RL
IS
IL
C1
150
µF
+
Figure 1. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com