Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3201 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3201
Description  100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3201 Datasheet(HTML) 4 Page - Linear Technology

  LTC3201 Datasheet HTML 1Page - Linear Technology LTC3201 Datasheet HTML 2Page - Linear Technology LTC3201 Datasheet HTML 3Page - Linear Technology LTC3201 Datasheet HTML 4Page - Linear Technology LTC3201 Datasheet HTML 5Page - Linear Technology LTC3201 Datasheet HTML 6Page - Linear Technology LTC3201 Datasheet HTML 7Page - Linear Technology LTC3201 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC3201
4
3201f
PI FU CTIO S
VOUT (Pin 1): Charge Pump Output. Bypass with a 1µF
ceramic capacitor to GND.
CP (Pin 2): Flying Capacitor Positive Terminal.
FILTER (Pin 3): Input Noise Filter Terminal. Bypass with a
0.22
µF high resonant frequency ceramic capacitor to
GND. Place filter capacitor less than 1/8" from device.
CM (Pin 4): Flying Capacitor Negative Terminal.
GND (Pin 5): Ground. Connect to a ground plane for best
performance.
D0 (Pin 6): Current Control DAC LSB Input.
D1 (Pin 7): Current Control DAC Bit 1 Input.
D2 (Pin 8): Current Control DAC MSB Input. Inputs D0 to
D2 program a 3-bit DAC output which is used as the
internal reference voltage. The DAC output reference volt-
age is used to regulate amount of current flowing through
the LEDs. An internal control loop adjusts the charge
pump output such that the voltage drop across an external
sense resistor connected from FB to GND equals the
internal DAC output reference voltage. See Truth Table in
Applications Information section for internal reference
settings vs DAC code. When D0 to D2 are low, the part
enters a low current shutdown mode and the load is
disconnected from VIN.
VIN (Pin 9): Input Voltage. VIN may be between 2.7V and
4.5V. Bypass VIN with a 1µF low ESR capacitor to ground.
FB (Pin 10): Charge Pump Feedback Input. This pin acts
as a sense pin for IOUT. Connect a sense resistor between
FB and GND to set the output current. IOUT will be adjusted
until VFB = internal DAC output reference.
SI
PLIFIED BLOCK DIAGRA
3201 BD
CHARGE
PUMP
3-BIT
DAC
LPF
3
1
10
9
5
2
4
8
7
6
SOFT-START
AND
SWITCH CONTROL
1.8MHz
OSCILLATOR
GND
FILTER
VIN
VOUT
FB
CP
CM
D1
D2
D0
1.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com