Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD4702 Datasheet(PDF) 2 Page - NEC

Part # UPD4702
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702 Datasheet(HTML) 2 Page - NEC

  UPD4702 Datasheet HTML 1Page - NEC UPD4702 Datasheet HTML 2Page - NEC UPD4702 Datasheet HTML 3Page - NEC UPD4702 Datasheet HTML 4Page - NEC UPD4702 Datasheet HTML 5Page - NEC UPD4702 Datasheet HTML 6Page - NEC UPD4702 Datasheet HTML 7Page - NEC UPD4702 Datasheet HTML 8Page - NEC UPD4702 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µPD4702
BLOCK DIAGRAM
Reset
A
B
Phase
Discrimination
Edge Detection
8-Bit Up/Down Counter
8-Bit Latch
3-State Output
Carry
Borrow
STB
OE
CD0–7
PIN FUNCTIONS
Function
Incremental signal A phase and B phase signal input pins (Schmitt input)
Count data output pins. Activated when OE is “L”, high impedance outputs when OE
is “H”.
8-bit counter carry signal output pin (active-low)
8-bit counter borrow signal output pin (active-low)
8-bit counter reset signal output pin
Counter is reset when this pin is “H”.
Count data output control signal input pin
Counter data output latch signal. Data is latched on the fall of STB, and is held while
STB = “L”.
Power supply input pin
Ground pin
Pin Name
Input/Output
A, B
Input
(Schmitt)
D0 to 7
Output
(3-state)
Carry
Output
Borrow
Output
RESET
Input
(Schmitt)
OE
Input
STB
Input
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com