Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5900-WHM Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5900-WHM
Description  SmartMesh WirelessHART Node Wireless Mote Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900-WHM Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5900-WHM Datasheet HTML 8Page - Linear Technology LTP5900-WHM Datasheet HTML 9Page - Linear Technology LTP5900-WHM Datasheet HTML 10Page - Linear Technology LTP5900-WHM Datasheet HTML 11Page - Linear Technology LTP5900-WHM Datasheet HTML 12Page - Linear Technology LTP5900-WHM Datasheet HTML 13Page - Linear Technology LTP5900-WHM Datasheet HTML 14Page - Linear Technology LTP5900-WHM Datasheet HTML 15Page - Linear Technology LTP5900-WHM Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTP5900-WHM
13
5900whmf
For more information www.linear.com/LTP5900-WHM
REGULATORY AND STANDARDS COMPLIANCE
Radio Certification
TheLTP5900hasbeencertifiedunderasinglemodularcer-
tification,withthemodulenameofETERNA1.Followingthe
regulatory requirements provided in the ETERNA1 User’s
Guideenablescustomerstoshipproductsinthesupported
geographies,bysimplycompletinganunintentionalradia-
tor scan of the finished product(s). The ETERNA1 User’s
Guide also provides the technical information needed to
enable customers to further certify either the modules or
products based upon the modules in geographies that
have not or do not support modular certification.
Compliance to Restriction of Hazardous Substances
(RoHS)
Restriction of Hazardous Substances 2 (RoHS 2) is a
directive that places maximum concentration limits on
the use of certain hazardous substances in electrical and
electronic equipment. Linear Technology is committed to
meeting the requirements of the European Community
directive 2011/65/EU.
This product has been specifically designed to utilize
RoHS-compliant materials and to eliminate or reduce the
use of restricted materials to comply with 2011/65/EU.
The RoHS-compliant design features include:
n
RoHS-compliant solder for solder joints
n
RoHS-compliant base metal alloys
n
RoHS-compliant precious metal plating
n
RoHS-compliant cable assemblies and connector
choices
n
Halogen-free mold compound
n
RoHS-compliant and 245 °C re-flow compatible
Note: Customers may elect to use certain types of lead-
free solder alloys in accordance with the European Com-
munity directive 2011/65/EU. Depending on the type of
solder paste chosen, a corresponding process change to
optimize reflow temperatures may be required.
SOLDERING INFORMATION
The LTP5900 is suitable for both eutectic PbSn and RoHS-
6 reflow. The maximum reflow soldering temperature is
260°C. A more detailed description of layout recommen-
dations, assembly procedures and design considerations
is included in the LTP5900 Hardware Integration Guide.
INDUSTRIAL ENVIRONMENT OPERATION
The LTP5900-WHM is designed to meet the specifications
of harsh industrial environments which includes:
• Shock and Vibration—The LTP5900-WHM complies
with high vibration pipeline testing, as specified in IEC
61298-3.
• Temperature Extremes—The LTP5900-WHM is de-
signedforindustrialstorageandoperationaltemperature
range of –40°C to 85°C.
ENCRYPTION CIPHER
The LTP5900-WHM’s 128-bit Advanced Encryption Stan-
dard(AES)cipherhasbeencertifiedcomplianttotheUnited
States National Institute of Standards and Technology
(NIST) FIPS-197 (NIST certificate number, AES: 1437).
To view the FIPS-197 validation list, go to: http://csrc.nist.
gov/groups/STM/cavp/documents/aes/aesval.html
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com