Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4351 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4351
Description  STMicroelectronics has developed micro battery products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4351 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4351 Datasheet HTML 1Page - STMicroelectronics AN4351 Datasheet HTML 2Page - STMicroelectronics AN4351 Datasheet HTML 3Page - STMicroelectronics AN4351 Datasheet HTML 4Page - STMicroelectronics AN4351 Datasheet HTML 5Page - STMicroelectronics AN4351 Datasheet HTML 6Page - STMicroelectronics AN4351 Datasheet HTML 7Page - STMicroelectronics AN4351 Datasheet HTML 8Page - STMicroelectronics AN4351 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025184 Rev 1
5/10
AN4351
Glue dispensing guidelines and recommended practice
10
2
Glue dispensing guidelines and recommended
practice
2.1
Storage and use of silver filled conductive glue
•
The silver filled glues are perishable material and needs to be stored with care. The
shipping container must be designed to protect the material in transit for up to 2 days.
Use carbon ice to store the material at minus 40 °C (or other temperature versus TDS
supplier).
•
Immediately upon receipt, unpack the shipping container and freeze the material at
minus 40 °C (or other temperature versus TDS supplier). Syringes containing silver
filled glues must be stored vertically with their caps on.
•
Glue shelf life at minus 40 °C depends on the glue material; please check the shelf life
information with the supplier.
•
It is not recommend to refreeze used material and to redistribute or repack glues pack
in syringes because syringes are packaged by special techniques to ensure no air
bubbles are trapped inside the syringe; it is instead recommend to choose smaller
syringe size like 5 cc or 3 cc.
For equipment set up purposes (and some engineering runs), thawed materials staying at
room temperature of less than 4 hours (including thawing time) can be refrozen 3 times
maximum. This refrozen material must not be used for production runs due to potential
reliability and quality risk (mechanical and electrical contact reliability can be downgraded).
For production runs, silver filled conductive glues can usually be used during 2 hours
without the need of adjusting and correcting input parameters (pressure, time). Beyond 2
hours, it is recommended to check and adjust input parameters to assure the same
dispensing quantity.
2.2
Receiving inspection and preparation for use
Silver conductive glues should be removed from cold storage and thawed at room
temperature.
Immediately, do not remove back end cap from the syringe, remove front end cap and install
needle according to Table 1.
The required thawing time will be dependent upon the syringe size; a good indication that
the material is ready is when condensation on the syringe disappears. Typical time is from
30 minutes to 1 hour for 5 cc syringe size. Thawing must be done with the syringes standing
vertically.
Never use heat to accelerate the thawing. Do not place syringes near any heat source
(ovens, furnaces) or immerse in hot and warm water. These practices will adversely affect
performance.
Syringes should be inspected prior to use; any evidence of separation (material, plunger),
large air voids or discoloration or dark aspect are indications of thermal excursions
rendering the syringe unfit for use.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com