Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4394 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4394
Description  Evaluation board for SPV1050 ULP harvester
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4394 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4394 Datasheet HTML 1Page - STMicroelectronics AN4394 Datasheet HTML 2Page - STMicroelectronics AN4394 Datasheet HTML 3Page - STMicroelectronics AN4394 Datasheet HTML 4Page - STMicroelectronics AN4394 Datasheet HTML 5Page - STMicroelectronics AN4394 Datasheet HTML 6Page - STMicroelectronics AN4394 Datasheet HTML 7Page - STMicroelectronics AN4394 Datasheet HTML 8Page - STMicroelectronics AN4394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Table 1. Bill of material
Sect. Item
Quan-
tity
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technol.
info.
Package Manufacturer
Manufacturer
code
More information
1
1
U1
SPV1050
VFQFPN
3 x 3 x 1
20L (code
A0BR)
ST
SPV1050
21
CN1
2-way
screw
connector
TE
Connectivity
282834-2
Input connector for PV
panel or TEG
3
1
C1
4.7 µF
15%
16 V
0805
Murata
GCM21BR71C4
75KA73L
Input capacitance
4
0
C2 (DNM)
4.7 µF
15%
16 V
0805
Murata
GCM21BR71C4
75KA73L
5
3
J1, J2, J3
jumper
Pitch
2.54 mm
TH
Enable/disable MPPT
81
R1
0
1%
0805
VISHAY
CRCW08052M7
0FKEA
Resistor partitioning for
MPP track/setting
9
1
R2
1.5 M
1%
0805
VISHAY
CRCW08051M5
0FKEA
10
1
R3
8.2 M
1%
0805
YAGEO
232273468205
11
1
L1
22 µH
20%
Coilcraft
LPS4018-
223ML_
DC-DC inductor
12
1
C8
10 nF
15%
16 V
X7R
0603
Murata
GRM188R71C1
03KA01D
Voltage sampling time
constant capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com