Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4460 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 5Page - STMicroelectronics AN4460 Datasheet HTML 6Page - STMicroelectronics AN4460 Datasheet HTML 7Page - STMicroelectronics AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics AN4460 Datasheet HTML 11Page - STMicroelectronics AN4460 Datasheet HTML 12Page - STMicroelectronics AN4460 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DocID026129 Rev 1
9/54
AN4460
Getting started with the STEVAL-ILL057V1 demonstration board
54
installed, the Windows device manager panel shows a new USB serial port (COMx)
device and the COM number associated.
3.
Verify that the power supply output voltage is within the board specification.
4.
Switch OFF the power supply.
5.
Connect the power supply to the board and check the input polarity. Figure 2 illustrates
how to connect the power cables:
Figure 2. Power supply connection
6.
Power on the board and check that the power supply current level is within the
appropriate levels.
7.
Monitor the red status LED on the STEVAL-ILL057V1 demonstration board. During the
startup, the red status LED goes ON for few seconds before switching OFF. Should the
red status LED stay ON for more than 3 seconds, the STLUX385A device is indicating
a problem. The status LED should be checked after every step of the power-up
procedure. The STLUX385A indicates any issue encountered: short-circuit,
overcurrent, input power under the limit, etc. Note that, once the status LED is red, it
can only be switched OFF via the “co” console command.
8.
Connect the USB TTL serial cable to the STEVAL-ILL057V1 board.
9.
Run “Hyperterminal” or an equivalent program from the computer connected to the
USB TTL serial cable. The connection configuration is as follows:
–
Baud rate: 115200
–
Data bits: 8
–
Stop bits: 1
–
Parity: no
–
Flow control: no handshake
In order to verify that the connection is valid, type “?” and press ENTER. If the link is OK, the
STLUX385A list of commands is displayed.
10. Should the red status LED list a problem, use the “st” command and look at Table 3 on
page 36 to find the root of the problem.
11. Configure the LED string parameter via the “lc” (LED current) and “ln” (LED number)
commands. See Section 7.3 on page 28 for the command reference. Note that any
new setting is stored in Flash and is automatically used during the next startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com