Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4504 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 5Page - STMicroelectronics AN4504 Datasheet HTML 6Page - STMicroelectronics AN4504 Datasheet HTML 7Page - STMicroelectronics AN4504 Datasheet HTML 8Page - STMicroelectronics AN4504 Datasheet HTML 9Page - STMicroelectronics AN4504 Datasheet HTML 10Page - STMicroelectronics AN4504 Datasheet HTML 11Page - STMicroelectronics AN4504 Datasheet HTML 12Page - STMicroelectronics AN4504 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID026419 Rev 1
9/41
AN4504
Operating modes
41
Table 4 shows the typical values of power consumption for the different operating modes.
Power consumption in normal mode is independent of the selected ODR.
2.1
Power-down mode
When the device is in power-down mode, almost all internal blocks of the device are
switched off to minimize power consumption. Digital interfaces (I2C and SPI) are still active
to allow communication with the device. The content of the configuration registers is
preserved and output data registers are not updated, therefore keeping the last data
sampled in memory before going into power-down mode.
2.2
Sleep mode
While the device is in sleep mode the driving circuitry making the moving mass of the
gyroscope oscillating is kept active. Turn-on time from sleep mode to normal mode is
drastically reduced.
2.3
Normal mode
In normal mode, data are generated at the data rate (ODR) selected through the DR bits.
Data interrupt generation is active and configured through the INT1_CFG register.
2.4
Delay to switch modes
The delay in order to switch modes is shown in Table 5.
Table 4. Power consumption
Operating mode
Power consumption
Power-down
5 μA
Sleep
1.5 mA
Normal
6.1 mA
Table 5. Turn-on time
Starting mode
Target mode
Turn-on time - typ
Power-down
Normal
250 ms
Power-down
Self test
250 ms
Sleep
Normal
1/ODR: LPF2 disabled
6/ODR: LPF2 enabled
Normal
Sleep
immediate
Normal
Power-down
immediate
Other settings change
-
1/ODR: LPF2 disabled
6/ODR: LPF2 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com