Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1481 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 44Page - STMicroelectronics UM1481 Datasheet HTML 45Page - STMicroelectronics UM1481 Datasheet HTML 46Page - STMicroelectronics UM1481 Datasheet HTML 47Page - STMicroelectronics UM1481 Datasheet HTML 48Page - STMicroelectronics UM1481 Datasheet HTML 49Page - STMicroelectronics UM1481 Datasheet HTML 50Page - STMicroelectronics UM1481 Datasheet HTML 51Page - STMicroelectronics UM1481 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Connectors
and
jumpers
J9
CON5
1x5 header 2.54
mm x 2.54 mm
pitch
1
J12, J13,
J14
Header, top entry, 2-way,
through hole vertical
plug
2-pin through hole
vertical plug,
5.08 mm pitch
WEIDMULLER
SL 5.08/2/180
Farnell
Part#
1121826
J12, J13,
J14
Socket block, screw, 2-way,
26-14AWG, pitch spacing:
5.08 mm
Pluggable
terminal block, no.
of contacts: 2
WEIDMULLER
BL 5.08/2
Farnell
Part#
1131811
J2
LCD_connector 14022
1x16 header, 2.54
mm pitch
Any
J5
USB micro-B connector
SMD
Molex
47589-0001
MOUSER
538-47589-0001
J15
BATT and LOAD_CONN
Header 4-pin, 1x4
way, 2.54 mm
pitch
Any
J8
µSD connector
SMD
Proconn
Technology
MSPN09-D0-1002
1
Capacitors
C14, C16,
C32
15 pF
SMD0805
Any
C1,C3
20 pF
SMD0805
Any
C15
4.7 nF
SMD0805
Any
Table 21.
Bill of material (continued)
Category
Ref. design.
Component description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number or equivalent
Supplier
Supplier
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com