Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1541 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1541
Description  STCF04 demonstration kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1541 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1541 Datasheet HTML 1Page - STMicroelectronics UM1541 Datasheet HTML 2Page - STMicroelectronics UM1541 Datasheet HTML 3Page - STMicroelectronics UM1541 Datasheet HTML 4Page - STMicroelectronics UM1541 Datasheet HTML 5Page - STMicroelectronics UM1541 Datasheet HTML 6Page - STMicroelectronics UM1541 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UM1541
Use of the demo with a connection to a PC
Doc ID 023169 Rev 1
5/7
2
Use of the demo with a connection to a PC
1.
Step 1: connect the boards together according to Figure 3.
2.
Step 2: remove the 5 V-P5 V jumper and put the switch into the left position according
to Figure 5.
Figure 5.
Jumper and switch configuration for use with a PC
3.
Step 3: connect power supply or battery to the power supply connector of the
daughterboard only. The control board is supplied from the USB.
4.
Step 4: connect the board to the PC by the USB cable (AB type).
5.
Step 5: run the data packet creator or register controller application and press the
“Connect board” button.
AM12235v1
This jumper
must be opened
This switch must
be in the left position



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com