Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1024 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1024
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024 Datasheet(HTML) 1 Page - Linear Technology

  LT1024 Datasheet HTML 1Page - Linear Technology LT1024 Datasheet HTML 2Page - Linear Technology LT1024 Datasheet HTML 3Page - Linear Technology LT1024 Datasheet HTML 4Page - Linear Technology LT1024 Datasheet HTML 5Page - Linear Technology LT1024 Datasheet HTML 6Page - Linear Technology LT1024 Datasheet HTML 7Page - Linear Technology LT1024 Datasheet HTML 8Page - Linear Technology LT1024 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1024
1024fa
■
Guaranteed Offset Voltage: 50µV Max
■
Guaranteed Bias Current:
25°C: 120pA Max
–55°C to 125°C: 700pA Max
■
Guaranteed Drift: 1.5µV/°C Max
■
Low Noise, 0.1Hz to 10Hz: 0.5µVP-P
■
Guaranteed Supply Current: 600µA Max
■
Guaranteed CMRR: 112dB Min
■
Guaranteed PSRR: 112dB Min
■
Guaranteed Voltage Gain with 5mA Load Current
■
Guaranteed Matching Characteristics
The LT
®1024 dual, matched internally compensated
universal precision operational amplifier can be used in
practically all precision applications requiring multiple op
amps. The LT1024 combines picoampere bias currents
(which are maintained over the full –55°C to 125°C
temperature range), microvolt offset voltage (and low drift
with time and temperature), low voltage and current
noise and low power dissipation. Extremely high
common mode and power supply rejection ratios,
practically immeasurable warm-up drift, and the ability to
deliver 5mA load current with a voltage gain of a million,
round out the LT1024’s superb precision specifications.
Tight matching is guaranteed on offset voltage,
noninverting bias currents and common mode and power
supply rejections.
The all-around excellence of the LT1024 eliminates the
necessity of the time-consuming error analysis procedure
of precision system design in many dual applications; the
LT1024 can be stocked as the universal dual op amp in the
14-pin DIP configuration.
For a single op amp with similar specifications, see the
LT1012 data sheet; for a single supply dual precision op
amp in the 8-pin configuration, see the LT1013 data sheet.
■
Strain Gauge Signal Conditioner
■
Dual Limit Precision Threshold Detection
■
Charge Integrators
■
Wide Dynamic Range Logarithmic Amplifiers
■
Light Meters
■
Low Frequency Active Filters
■
Standard Cell Buffers
■
Thermocouple Amplifiers
Two Op Amp Instrumentation Amplifier
Dual, Matched
Picoampere, Microvolt Input,
Low Noise Op Amp
Input Bias Current vs Temperature
TEMPERATURE (°C)
–50
–150
–50
100
0
50
75
LTC1024 • TA02
–100
50
0
–25
25
100
125
UNDERCANCELLED UNIT
OVERCANCELLED UNIT
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1024 • TA01
6
OUTPUT
TYPICAL PERFORMANCE:
OFFSET VOLTAGE = 20
µV
BIAS CURRENT =
±30pA
OFFSET CURRENT = 30pA
4
3
13
1/2 LT1024
+
–
()
†
†
–
+
1/2 LT1024
+
–
INPUTS
R1*
100k
R3
10k
R2
10k
R5
2.2k
R4
100k
10
11
GAIN =
~ 100
1 + 1
2
R2
R1
R3
R4
R4
R3
R2 + R3
R5
++
~
TRIM FOR COMMON-MODE REJECTION
TRIM FOR GAIN
*
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LT1024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1024 LINER-LT1024 Datasheet
174Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024AC LINER-LT1024AC Datasheet
719Kb / 8P
Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1024ACD LINER-LT1024ACD Datasheet
719Kb / 8P
Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1024ACN LINER-LT1024ACN Datasheet
174Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
More results

Similar Description - LT1024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Linear Technology
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com