Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1479 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1479
Description  Due to increasing consumer awareness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1479 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1479 Datasheet HTML 5Page - STMicroelectronics AN1479 Datasheet HTML 6Page - STMicroelectronics AN1479 Datasheet HTML 7Page - STMicroelectronics AN1479 Datasheet HTML 8Page - STMicroelectronics AN1479 Datasheet HTML 9Page - STMicroelectronics AN1479 Datasheet HTML 10Page - STMicroelectronics AN1479 Datasheet HTML 11Page - STMicroelectronics AN1479 Datasheet HTML 12Page - STMicroelectronics AN1479 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
HIGH-PERFORMANCE MOTOR SYSTEM FOR WASHING MACHINES
Figure 3. Slip control during balancing ramp
Figure 4. System (motor + drive) efficiency at very low speed (550 r.p.m. rotor)
Time (unit 10ms)
0
10
20
30
40
50
60
70
80
Slip
Frequency
Balancing cycle / 2.5 kg
Washing at 550RPM
0
20
40
60
80
100
120
140
160
180
200
00,5
1
1,5
Torque Nm
Input
power W
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
2
Efficiency %
Input Current A
P (W)
I (A)
* Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com