Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2336 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2336
Description  DVI ESD Protection demonstration board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2336 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2336 Datasheet HTML 1Page - STMicroelectronics AN2336 Datasheet HTML 2Page - STMicroelectronics AN2336 Datasheet HTML 3Page - STMicroelectronics AN2336 Datasheet HTML 4Page - STMicroelectronics AN2336 Datasheet HTML 5Page - STMicroelectronics AN2336 Datasheet HTML 6Page - STMicroelectronics AN2336 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN2336
ESD Measurement
5/7
3.1
Measurement Results
ESD measurements have been performed according to IEC61000-4-2 level 4 air discharge
standard.
Figure 9.
Remaining voltage (Vout) after an ESD pulse of +15 kV (Vin) was applied to
a DVIULC6-4SC6 device
Figure 10.
Remaining voltage (Vout) after an ESD pulse of -15 kV (Vin) was applied to
a DVIULC6-4SC6 device
These measurements show the high level of immunity obtained using the DVIULC6-4SC6
device. The combination of ultra low capacitance and high level of ESD protection makes
the DVIULC6-4SC6 device ideal for DVI applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com