Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2385 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2385
Description  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2385 Datasheet HTML 4Page - STMicroelectronics AN2385 Datasheet HTML 5Page - STMicroelectronics AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics AN2385 Datasheet HTML 10Page - STMicroelectronics AN2385 Datasheet HTML 11Page - STMicroelectronics AN2385 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Silicon limited drain current
AN2385
8/14
Figure 4.
Silicon limited drain current vs case temperature
For Case Temperatures that are lower of around 110°C, the Package Limited Current is
lower than the silicon one and thus, the device Limited Current is fixed at 75A. When the
case temperature overcomes 110°C, the device Limited Current equals the Limited Silicon
Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com