Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2626 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2626
Description  MOSFET body diode recovery mechanism in a phase-shifted
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2626 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2626 Datasheet HTML 1Page - STMicroelectronics AN2626 Datasheet HTML 2Page - STMicroelectronics AN2626 Datasheet HTML 3Page - STMicroelectronics AN2626 Datasheet HTML 4Page - STMicroelectronics AN2626 Datasheet HTML 5Page - STMicroelectronics AN2626 Datasheet HTML 6Page - STMicroelectronics AN2626 Datasheet HTML 7Page - STMicroelectronics AN2626 Datasheet HTML 8Page - STMicroelectronics AN2626 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2626
Topology description
5/13
Transition t0-t1
From the Figure 3, at t0 Q1 and Q3 are in on state and on the primary side there is an
energy equal to:
Equation 1
Instantly, at t0 the switch Q1 is turned off and the resonant transition begins. The primary
current continues to flow, with a like-linear shape (since the current is forced by the output
inductor) using the charge stored in the switch output capacitance C2. Simultaneously, the
primary current will charge the output capacitance C1 of Q1 from essentially 0 V to the
supply voltage Vdd, and will discharge the output capacitance C2 from Vdd to zero. The
transition finishes when the Q2 source voltage exceeds the Q2 drain voltage sufficiently to
directly bias the internal body diode D2.
Freewheeling t1-t2
Now D3 is directly biased and the output inductor freewheels. The voltage across the switch
Q2 is equal to the drop on its internal body diode D2 hence the ZVS condition is verified.
The switch Q3 is turned on and the current, flowing through the primary side, now is shared
between the body diode D2 and the channel of MOSFET Q2. During the freewheeling state
both output rectifier diodes are forward biased, and hence the reflected voltage to the
primary is null.
Figure 3.
Typical waveforms in a P-S ZVS FB converter DC/DC
Transition t2-t4
The switch Q3 is turned off, the energy available to complete the transition is:
Equation 2
It is much lower than it was in the lead leg, since the magnetizing and output inductance do
not contribute [4]. For this reason it is easier to miss the ZVS condition. If the energy stored
E
t
0
t
1
E
mag
E
output
reflected
1
2
--- L
leak
L
res
+
()
I
mag t0
() NI
out t0
()
+
()
+
=
t1 t3
t5
VA
VB
IPI
t
t0
t2 t4
VA - VB
t1 t3
t5
VA
VB
IPI
t
t0
t2 t4
VA - VB
E
t
2
t
4
1
2
--- L
leak
L
res
+
()
I
mag t2
() NI
out t2
()
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com