Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2846 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 3Page - STMicroelectronics AN2846 Datasheet HTML 4Page - STMicroelectronics AN2846 Datasheet HTML 5Page - STMicroelectronics AN2846 Datasheet HTML 6Page - STMicroelectronics AN2846 Datasheet HTML 7Page - STMicroelectronics AN2846 Datasheet HTML 8Page - STMicroelectronics AN2846 Datasheet HTML 9Page - STMicroelectronics AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AN2846
Application guidelines
Doc ID 15130 Rev 1
7/35
Figure 5.
Input characteristic according to IEC 61131-2 type 3
Current limited inputs allow reduced power dissipation into the device as well as reduced
power needed by the external supplies. A typical application circuit schematic is shown in
Figure 31 in the application section.
Figure 6 displays the SCLT3-8 input stage configuration and its typical input threshold
voltages. Low frequency triangular waveform as the input voltage has been used to better
highlight the voltage thresholds. Input current (IIN) and voltage across the LEDs are also
displayed in Figure 6. The VLED wave shape shows clearly the on-off states of the SCLT3-8.
Figure 6.
Input stage
With RIN = 2.2 kΩ, the typical VI_ON and VI_OFF threshold voltages are respectively 9.5 V
and 8.5 V, consistent with the 11 V min. and 5 V max specified in the IEC 61131-2 standard.
The hysteresis (1 V) improves the input noise immunity.
The module input thresholds are the results of drop voltage across the input resistor RIN,
into which flows the input current IIN, and the SCLT3-8 input thresholds VTH_ON and
VTH_OFF.
The input current limiter is activated typically when VIN = 3.7 V, before the VTH_ON threshold
is reached.
In all cases the following formula can be applied:
When the input current limiter is activated, the formula becomes:
The typical module input threshold voltage can be calculated as follow:
11V
5V
IIN (mA)
2.0
1.5
ON
OFF
ON
0.1
11V
5V
ON Region
OFF Region
Transition Region
SCLT3-8 (including R
IN)
input characteristic
ILIMIT
OFF
OFF
LED
R
IN
V
I
INPUT STATUS
V
TH
I
IN
DIGITAL
FILTER
V
IN
: 2V/div
VI: 2V/div
I IN: 1mA/div
V
LED
VIN_ON = 9.5 V
VIN_OFF =8.0 V
I
LIM = 2.35 mA
Input stage configuration
Typical input voltage thresholds
IN
IN
IN
I
V
I
R
V+
×
=
IN
ILIM
IN
I
V
I
R
V+
×
=
Math Composer 1.1.5
ON
VTH
ILIM
IN
ON
IN
V
I
R
V
_
_
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com