Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3318 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3318
Description  This Application note presents the HSP061-4NY8 and its capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3318 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3318 Datasheet HTML 1Page - STMicroelectronics AN3318 Datasheet HTML 2Page - STMicroelectronics AN3318 Datasheet HTML 3Page - STMicroelectronics AN3318 Datasheet HTML 4Page - STMicroelectronics AN3318 Datasheet HTML 5Page - STMicroelectronics AN3318 Datasheet HTML 6Page - STMicroelectronics AN3318 Datasheet HTML 7Page - STMicroelectronics AN3318 Datasheet HTML 8Page - STMicroelectronics AN3318 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN3318
Characteristics related to HDMI 1.4
Doc ID 18263 Rev 1
5/10
3
Characteristics related to HDMI 1.4
Protection bandwidth must be large enough to be transparent when a high bit rate is
transferred on the line. The equation below give the relationship between lines, pixels, color
depth and bit rate per channel:
Considering the protection device is equivalent to an RC circuit, the relationship between
the required cut-off frequency (fc) and lane data rate is:
For instance, with a 3.4 Gbps data rate:
Figure 6 shows the cut-off frequency of the HSP061-4NY8 is 6 GHz which is high enough to
manage HDMI signals at 3.4 Gbps.
Figure 6.
S21 attenuation measurement
Table 1.
Sample characteristics
CEA video
code
Video format
Horizontal
total pixel
per line
Vertical
total lines
per frame
Frame
rate (Hz)
Color
depth
(bits)
HDMI
data rate
(Gbps)
Lane
data rate
(Gbps)
16
1920 x 1080p
2200
1125
60
24
4.46
1.49
30
5.57
1.86
36
6.68
2.23
48
8.91
2.97
Lane data rate = (H_total_pixels) × (V_total_lines) ×
⎛⎞
Color_depth
⎜
⎜
⎝
⎠
3
× (Frame_rate) ×
10
8
f
= 0.875 × (lane data rate)
cmin
f
= 0.875 × 3.4 Gbps = 2.98 GHz
cmin 3.4 Gbps
10 MHz
30 MHz
100 MHz 300 MHz
1 GHz
3 GHz
-12
-9
-6
-3
0
-12
-9
-6
-3
0
dB
F (Hz)
6 GHz @ -3dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com