Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4599 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4599 Datasheet HTML 1Page - STMicroelectronics AN4599 Datasheet HTML 2Page - STMicroelectronics AN4599 Datasheet HTML 3Page - STMicroelectronics AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Circuit description
AN4599
4/26
DocID026993 Rev 1
2
Circuit description
2.1
Start-up sequence
D12, D4, R7, C13 in Figure 13 form the start-up circuit.
When the VCC voltage reaches L6699 VCCon, the system begins the start-up sequence and
changes the switching frequency from fstart to the operative frequency.
2.2
Oscillator setting
Figure 2. Oscillator's internal block diagram
The oscillator is programmed externally by means of a capacitor connected from pin 3 (CF)
to ground that is alternately charged and discharged by the current defined with the network
connected to pin 4 (RFmin).
The pin provides an accurate 2 V reference with approximately 2 mA source capability; the
higher the current sourced by the pin, the higher the oscillator frequency.
The Figure 2 block diagram shows a simplified internal circuit explaining the operation.
Table 1. Recommended values for CF as a function of the start-up frequency fstart
fstart [kHz]
CF [pF]
fstart [kHz]
CF [pF]
150
680
230 - 240
180
160
560
250
150
170
470
260
120
180
390
270
100
190 - 200
330
280
82
210
270
290
68
210
220
300
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com