Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0222 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 3Page - STMicroelectronics PM0222 Datasheet HTML 4Page - STMicroelectronics PM0222 Datasheet HTML 5Page - STMicroelectronics PM0222 Datasheet HTML 6Page - STMicroelectronics PM0222 Datasheet HTML 7Page - STMicroelectronics PM0222 Datasheet HTML 8Page - STMicroelectronics PM0222 Datasheet HTML 9Page - STMicroelectronics PM0222 Datasheet HTML 10Page - STMicroelectronics PM0222 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID025476 Rev 1
7/33
PM0222
Brain status after boot
33
2
Brain status after boot
To summarize, the Flash memory array in Brain is divided in two blocks:
The information block: this section is reserved by STMicroelectronics to store
manufacturing information and proprietary boot code.
The main Flash memory containing the customer program and data. This corresponds
to the Flash mentioned throughout this document.
When the reset is released, Cortex-M0 starts to execute the STMicroelectronics proprietary
code in the Flash information block.
Then, this boot code copies the vector table from the main Flash to the RAM bank 1 base
address and transfers the execution of the code to the customer’s application. In order to
execute this step, the vector table of the customer’s application must be present at the start
address of the main Flash as specified in Table 2.
The default settings in order for Cortex-M0 to drive the main Flash to execute customer
code are indicated in Table 3.
Table 2. Customer code inputs to provide
Address where customer needs to put information
Information to provide
0x1001_0000 - 0x1001_00C0
Vector table(1)
1. See “Interrupt vectors” table in the Brain reference manual, Interrupt chapter and in the “Cortex-M0 Devices Generic User
Guide”, §2.3.4 for more details.
Table 3. Default device settings after boot
Parameter
Description
Value
REMAP
Indicates if main Flash or ECC RAM bank 0 seen at
address 0x1001_0000
‘0’ (if main Flash seen at address
0x1001_0000)
Clock tree
System clock source
Processor clock
80 MHz internal RC
System clock / 5 = 16 MHz
ECC RAM bank 0
Error code correction mechanism
ON (but RAM not initialized)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com