Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0885 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN0885
Description  STMicroelectronics has introduced a new package family
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0885 Datasheet(HTML) 2 Page - STMicroelectronics

  TN0885 Datasheet HTML 1Page - STMicroelectronics TN0885 Datasheet HTML 2Page - STMicroelectronics TN0885 Datasheet HTML 3Page - STMicroelectronics TN0885 Datasheet HTML 4Page - STMicroelectronics TN0885 Datasheet HTML 5Page - STMicroelectronics TN0885 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Example of semi-slim notebook adaptor (25.4 mm height) TO-220FP vs. I2PAKFP (TO-281)TN0885
2/6
Doc ID 022904 Rev 1
1
Example of semi-slim notebook adaptor (25.4 mm
height) TO-220FP vs. I2PAKFP (TO-281)
Figure 3 shows a typical cross section view of the semi-slim adaptor. The remaining
allowable component height is limited to 15.6 mm or less with all the device elements taken
into consideration.
Typically, the TO-220FP body height is already in the range of 15 to 16 mm, so in the case of
TO-220FP being used in a semi-slim adaptor design, the package body must be inserted
very close to the PCB, this means above the standoff of the leads of the package as shown
in the diagram. This may have a potential impact on device life-time performance.
Figure 3.
Semi-slim notebook adaptor (25.4 mm) when using TO-220FP
Full insertion of the TO-220FP body flush with, or very close to, the PCB may lead to
potential stress that can cause defects not only on the connection between leads and the
package body but also on the internal structure of the package. Potential damage may be
further aggravated by thermal stresses from soldering and operating conditions and any
failures can appear immediately at the final test or may be latent and show up in the field.
This potential damage may include:
●
mold compound delamination
●
leads bending or fracturing at standoff / Dambar area
●
cracked mold compound
●
soldering joint issues
Case (upper)
Case (bottom)
Clip
TO-281 (2PakFP)
Heatsink
PCB
Mylar Film (bottom)
Mylar Film (upper
)
2.0mm
1.0mm
2.0mm
3.0mm
1.0mm
0.4mm
0.4mm
25.4mm
Max 15.6mm
(need more
allowance
due to others
materials
Tolerance)
PCB
TO-220FP
TO-220FP is inserted
closed to body and
could cause potential
stress between leads
and package body
TO-220FP
body height
around 15 to16
mm
AM12600V1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com