Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0527 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0527 Datasheet HTML 1Page - STMicroelectronics UM0527 Datasheet HTML 2Page - STMicroelectronics UM0527 Datasheet HTML 3Page - STMicroelectronics UM0527 Datasheet HTML 4Page - STMicroelectronics UM0527 Datasheet HTML 5Page - STMicroelectronics UM0527 Datasheet HTML 6Page - STMicroelectronics UM0527 Datasheet HTML 7Page - STMicroelectronics UM0527 Datasheet HTML 8Page - STMicroelectronics UM0527 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
UM0527
General description
5/66
1
General description
1.1
Hardware architecture
1.1.1
General realization
The UPS evaluation board is built in offline topology with AVR regulation of the mains boost
and buck. The inverter module contains the push-pull DC/DC converter and the DC/AC
output full-bridge generating quasi-sine waveform. The battery charger module is connected
at the output of the UPS and it also has the function of taking over the reactive power which
is present on the inverter during battery operation with reactive - resistive load.
The microcontroller controls all UPS functions. It monitors the mains parameters in order to
ensure the proper level of the output voltage. The microcontroller measurement parameters
are input/output mains voltage and phase, output inverter voltage, battery voltage, output
current and output power. The UPS has a built-in RS232, joint signals and USB interfaces
(USB for RS232 converter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com