Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1036 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 39Page - STMicroelectronics UM1036 Datasheet HTML 40Page - STMicroelectronics UM1036 Datasheet HTML 41Page - STMicroelectronics UM1036 Datasheet HTML 42Page - STMicroelectronics UM1036 Datasheet HTML 43Page - STMicroelectronics UM1036 Datasheet HTML 44Page - STMicroelectronics UM1036 Datasheet HTML 45Page - STMicroelectronics UM1036 Datasheet HTML 46Page - STMicroelectronics UM1036 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
DocID18293 Rev 2
43/47
UM1036
Ordering information
47
9
Ordering information
The evaluation board is available through the standard ordering system, the ordering code
is: STEVAL-IHM028V2. The items delivered include the assembled application board, board
documentation, PCB fabrication data, such as gerber files, assembly files (pick and place),
and component documentation.
10
Using STEVAL-IHM028V2 with STM32 FOC firmware
library
STM32 FOC firmware library (UM1052) is a firmware library which allows performing of the
FOC of a PMSM in configuration with and without sensors.
10.1
Environmental considerations
Warning:
The STEVAL-IHM028V2 evaluation board must only be used
in a power laboratory. The voltage used in the drive system
presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
All measuring equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock occurring as
a result of touching any SINGLE point in the circuit, but does
NOT prevent shock when touching two or more points in the
circuit.
An isolated AC power supply can be constructed using an isolation transformer and
a variable transformer. A schematic of this AC power supply can be found in the AN438
application note. (Although this application note was written for a TRIAC, the isolation
constraints still apply for switching semiconductor devices such as IGBT or MOSFET).
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com