Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5750 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5750
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5750 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5750_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 11Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 12Page - Renesas Technology Corp 2SC5750_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet P15656EJ1V0DS
7
2SC5750
S-PARAMETERS
Note When K
≥ 1, the MAG (Maximum Available Power Gain) is used. MAG =
When K
< 1, the MSG (Maximum Stable Power Gain) is used.
MSG =
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
Note
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.975
0.963
0.949
0.927
0.901
0.875
0.845
0.819
0.793
0.764
0.745
0.720
0.701
0.684
0.672
0.655
0.648
0.639
0.636
0.630
0.633
0.628
0.626
0.627
0.631
0.633
0.638
0.644
0.651
0.651
0.727
−8.7
−18.3
−28.6
−37.6
−46.1
−55.0
−63.7
−71.6
−79.7
−87.4
−95.4
−102.9
−110.4
−117.5
−124.7
−131.2
−137.7
−143.8
−150.3
−155.9
−161.3
−166.5
−171.5
−176.2
179.3
175.1
170.8
167.0
163.8
159.9
129.8
3.412
3.339
3.332
3.232
3.144
3.024
2.920
2.785
2.692
2.583
2.485
2.376
2.292
2.190
2.106
2.016
1.939
1.845
1.776
1.695
1.637
1.563
1.510
1.447
1.391
1.329
1.280
1.227
1.181
1.133
0.752
172.7
164.4
155.8
148.0
140.6
133.5
126.5
120.0
113.7
107.3
101.5
96.0
90.3
84.9
79.7
74.4
69.4
64.6
59.8
54.9
50.5
46.0
41.8
37.6
33.6
29.7
25.7
22.2
18.9
15.6
−15.0
0.017
0.032
0.047
0.061
0.074
0.085
0.094
0.101
0.108
0.112
0.117
0.119
0.121
0.122
0.122
0.121
0.120
0.117
0.114
0.111
0.107
0.103
0.098
0.093
0.088
0.083
0.079
0.074
0.071
0.068
0.087
83.0
76.6
70.3
63.7
57.3
51.1
46.0
40.5
35.7
31.3
26.8
22.8
18.5
14.9
11.4
7.9
4.8
2.0
−0.7
−2.8
−4.4
−5.7
−6.9
−7.9
−8.0
−7.9
−6.8
−5.0
−3.2
0.0
28.6
1.004
0.991
0.989
0.968
0.956
0.926
0.905
0.873
0.854
0.826
0.812
0.789
0.778
0.760
0.751
0.733
0.725
0.709
0.707
0.692
0.697
0.688
0.693
0.687
0.692
0.690
0.692
0.693
0.694
0.687
0.756
−4.9
−10.2
−15.2
−20.3
−25.2
−29.9
−34.3
−38.7
−42.6
−46.7
−50.5
−54.4
−58.1
−61.9
−65.7
−69.5
−73.4
−77.3
−81.4
−85.2
−89.7
−93.3
−97.8
−101.6
−106.1
−110.0
−114.3
−117.8
−121.6
−125.7
−167.7
0.037
0.068
0.087
0.128
0.163
0.200
0.226
0.270
0.298
0.343
0.363
0.402
0.429
0.472
0.492
0.555
0.584
0.653
0.675
0.757
0.765
0.858
0.900
1.001
1.049
1.156
1.233
1.334
1.412
1.578
1.241
23.02
20.19
18.50
17.24
16.30
15.54
14.91
14.40
13.96
13.61
13.29
13.00
12.77
12.55
12.36
12.21
12.10
12.00
11.92
11.84
11.83
11.83
11.89
11.71
10.64
9.64
9.20
8.71
8.38
7.73
6.43
S21
S12
(K –
√√√√ (K2 – 1) )
S21
S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com