Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUPDMB20K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SUPDMB20K
Description  Detachable redundant PDU option for select SmartOnline UPS - Hardwired input - L6-30R, C19 output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUPDMB20K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SUPDMB20K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUPDMB20K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage Compatibility
(VAC)
200; 208; 230; 240; 220
PHYSICAL
Shipping Dimensions
(hwd / in.)
10 x 23.9 x 12.1
Shipping Dimensions
(hwd / cm)
25.4 x 60.7 x 30.7
Shipping Weight (lbs.)
14.52
Shipping Weight (kg)
6.6
Unit Dimensions (hwd /
in.)
20.5 x 7 x 4.5
Unit Dimensions (hwd /
cm)
52.1 x 17.8 x 11.4
Unit Weight (lbs.)
14.52
Unit Weight (kg)
6.6
Material of Construction
Sheet metal
CERTIFICATIONS
Certifications
Tested to UL1778 4th Edition (USA), CSA (Canada), EN62040-1
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com