Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN302 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics AN302 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Holding current - the details
AN302
6/10
Depending on the production batch, the holding current can vary. However, the dispersion
always remains below the limits specified in the data sheet. For a better perspective, here
are some figures:
●
sensitive TRIAC: IGT (QI): 5 mA (type TW), 2 mA < IH < 8 mA (specified IH max: 10 mA)
●
standard TRIAC: IGT (QI): 50 mA (type B), 8 mA < IH < 40 mA (specified IH max: 50
mA)
The minimum value of the IH parameter is not specified in the data sheets.
2.2
Variation of the holding current
2.2.1
Typical variation of IH with device sensitivity and direction of
commutation
The holding current, IH, is related to the gate firing current, IGT as shown in Table 1.
Example:
BTA/BTB12-600TW: if IGT (QI) = 1.5 mA then IH+ = 3.8 mA.
BTA/BTB12-600C: if IGT (QI) = 10 mA then IH+ = 14 mA.
In the case of the TRIAC (as opposed to the thyristor), it is important to note that current IH-
(electrode A2 negative with respect to A1) can be higher or lower than IH+ according to the
rated current and the device technology.
Example:
BTA/BTB06-600TW: if IH+ = 4.3 mA, IH- = 4.8 mA.
BTA/BTB12-600C: if IH+ = 15 mA, IH- = 8.3 mA.
2.2.2
Variation of IH with junction temperature
The holding current is physically related to the firing current, IGT. These two parameters vary
with the junction temperature as shown in Figure 7.
Example:
Triac TO-220AB, type BTA/BTB12-600C: IH = 20 mA at Tj = 25 °C and 14 mA at 110 °C.
Table 1.
Ratio between IH+ and IGT (QI) for sensitive and standard TRIACs
Triac
IH+ / IGT (QI)
Sensitive TRIAC 12 Arms (TW type)
2.5 (approx.)
Standard TRIAC 12 Arms (C type)
1.4 (approx.)
Table 2.
Ratio between IH+ and IH- for sensitive and standard TRIACs
Triac
IH+ / IH-
Sensitive TRIAC 12 Arms (TW type)
0.9 (approx.)
Standard TRIAC 12 Arms (C type)
1.8 (approx.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com