Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRC869U Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRC869U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC869U Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRC869U Datasheet HTML 1Page - KEC(Korea Electronics) KRC869U Datasheet HTML 2Page - KEC(Korea Electronics) KRC869U Datasheet HTML 3Page - KEC(Korea Electronics) KRC869U Datasheet HTML 4Page - KEC(Korea Electronics) KRC869U Datasheet HTML 5Page - KEC(Korea Electronics) KRC869U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002. 7. 10
3/6
KRC866U~KRC872U
Revision No : 3
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
I
- V
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G - I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G - I
I
O
0.1
0.3
1
3
0.3
10
0.5
1
3
5
10
30
50
100
KRC866U
V =0.2V
O
O
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=100 C
0.3
10
0.1
0.5
0.3
1
3
5
100
50
30
KRC867U
V =0.2V
13
Ta=-25 C
Ta=25 C
10
0.1
0
50
30
100
1k
300
500
3k
KRC866U
V =5V
O
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V =5V
3.0
1.0
0
30
100
50
0.5
2.0
1.5
2.5
O
300
1k
500
3k
KRC867U
KRC866U
100
10
13
200
10
30
100
30
50
V =5V
O
Ta=100
C
Ta=-25 C
Ta=25 C
3
1
KRC867U
V =5V
O
10
30
100
Ta=100
C
Ta=25 C
Ta=-25 C
5
3
10
100
30
50
300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com