Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN308 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 2 Page - STMicroelectronics

  AN308 Datasheet HTML 1Page - STMicroelectronics AN308 Datasheet HTML 2Page - STMicroelectronics AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Triggering methods
AN308
2/16
1
Triggering methods
1.1
Triggering with synchronization on the TRIAC voltage
The triggering circuit with synchronization across the TRIAC (See Figure 1 and Figure 2)
turns on the component at an angle
β after the current drops to zero, such that
β = ω · Tr.
Time Tr is defined by the time constant (P + Rt)C.
ω = 2 · π · f with f = mains frequency.
Figure 1.
Typical circuit - synchronization across the TRIAC
Figure 2.
Synchronization across the TRIAC - waveforms (general case)
This is the simplest possible circuit but in certain cases it can have an important drawback.
For example, consider a highly inductive load (L
ω / R > 4) where the TRIAC is turned on
with a considerable delay
β, perhaps 100° after the mains voltage zero as inFigure 3.
If the TRIAC is turned on at point A, the conduction (
α) lasts up to about 150°. The TRIAC
turns off at point B at
α + β = 250° after the zero voltage point. At that instant a negative
voltage is applied to the triggering circuit which turns on the TRIAC at point C after an angle
β of 100°, that is, 350° from the starting point.
AC Mains
C
PRt
ZL
T
D
Diac
1
2
Mains voltage
T
T
Gate pulse
T
ϕ : Current lag (full angle)
β : Blocking of the component
α : Conduction angle
α
ϕ
full angle
β
TRIAC voltage
TRIAC current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com