Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN421 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN421
Description  In real time applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN421 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN421 Datasheet HTML 2Page - STMicroelectronics AN421 Datasheet HTML 3Page - STMicroelectronics AN421 Datasheet HTML 4Page - STMicroelectronics AN421 Datasheet HTML 5Page - STMicroelectronics AN421 Datasheet HTML 6Page - STMicroelectronics AN421 Datasheet HTML 7Page - STMicroelectronics AN421 Datasheet HTML 8Page - STMicroelectronics AN421 Datasheet HTML 9Page - STMicroelectronics AN421 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Software description
AN421
6/11
Doc ID 2476 Rev 2
3
Software description
3.1
Stack initialization
The following example initializes the system stack in groups D and C of the Register File.
In the stack management of the ST9, the stack pointer is automatically pre-decremented
before the data is stored on the stack. So the expression:
SSTACK = (BKE * 16) - 1
defines the first location of the system stack in group D and C within the Register File, while
the instruction:
ld SSPLR,#SSTACK + 1
initializes the system stack pointer in the system register. The instruction:
ldw RR#END_SSTACK,#0AA55h
initializes the first two bytes following the bottom of the system stack with the value used to
restart the Timer/Watchdog. Initialization
Figure 2.
System stack initialization
;***************************************************************
; STACK Declaration and end of stack initialisation
; in RAM space or Register File
;***************************************************************
; Initialisation in Register FIle
SSTACK := (BKE * 16) - 1
; Sys.stack add.group
LG-SSTACK := 32 ; Sys.stack length
END_SSTACK := (BKE * 16) - LG_SSTACK
; Last sys.stack byte
ld SSPLR,#SSTACK + 1
; Load sys.stack pointer
ldw RR#END_STACK - 2,#0AA55h
; Init end of stack.
; Initialisation in RAM space
SSTACK := 2000h
; top of sys.stack
END-STACK := 1000h
; Init end of stack
essp = rr0
sdm
ldw SSPR,#SSTACK
; Select data space
ld essp,#END_SSTACK
; Init End of sys.stack
ldw -2(essp),#0AA55h



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com