Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN437 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN437 Datasheet HTML 6Page - STMicroelectronics AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics AN437 Datasheet HTML 10Page - STMicroelectronics AN437 Datasheet HTML 11Page - STMicroelectronics AN437 Datasheet HTML 12Page - STMicroelectronics AN437 Datasheet HTML 13Page - STMicroelectronics AN437 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
How to design snubber circuit for turn-off improvement
AN437
10/18
Figure 9.
Z0103 TRIAC turn-off on inductive load (26 W drain pump) without
snubber circuit and in transient operating
An RC snubber circuit must be used when there is a risk of TRIAC spurious triggering, i.e.
when the measured dI/dtOFF and dV/dtOFF values are higher than the specified (dI/dt)c and
(dV/dt)c values.
In our application case and for the worst case load conditions (transient operating), the
measured (dI/dt)OFF and (dV/dt)OFF values are equal respectively to 0.13 A/ms and 10 V/µs.
These values are higher than the specified (dI/dt)c and (dV/dt)c values, see Section 1.1.2.
Thanks to an RC snubber circuit, rated in the next paragraph, the slope of the reapplied
voltage could be limited and thus spurious triggering at turn-off could be avoided.
2.2.2
Resistor and capacitor snubber circuit design
The snubber circuit design depends on the damping factor (
ξ).
When
ξ decreases, the snubber resistor and capacitor values decrease but the peak voltage
and snubber circuit discharge current increase. Maximum instantaneous dV/dtOFF occurs at
a time later than t = 0 when
ξ is lower than 0.5.
When
ξ increases, the snubber resistor and capacitor values increase and the voltage
overshoot decreases. The maximum instantaneous dV/dtOFF occurs at t = 0 when ξ is
higher than 0.5.
Low damping factors are recommended. Indeed, thanks to the high voltage capability of
TRIACs, the snubber circuit can be optimized to reduce the capacitor value and, in the same
way, reduce the snubber circuit cost.
To illustrate the RC snubber circuit design, a 26 W drain pump (L = 2.4 H and R = 190
Ω at
50 Hz) controlled by a Z0103 TRIAC is considered.
Two methods can be used to design the snubber circuit. The first method designs the RC
snubber circuit with load resistance consideration. The second method considers pure
inductive load.
The first method of RC snubber circuit design is divided in four steps:
1.
Snubber resistance choice
To limit the TRIAC turn-on stress and optimize the TRIAC immunity against fast voltage
transients, the snubber resistance is fixed to the minimum value.
For Z01 TRIAC, the dI/dt at turn-on is limited to 20 A/µs. The minimum snubber resistance
value is 620
Ω (refer to Section 1.4).
V
T (100 V/div)
I
T (10 mA/div)
V
Mains (100 V/div)
dV/dt
OFF = 10 V/µs
V
P = 350 V
dI/dt
OFF = 0.13 A/ms
V
T (100 V/div)
I
T (10 mA/div)
V
Mains (100 V/div)
dV/dt
OFF = 10 V/µs
V
P = 350 V
dI/dt
OFF = 0.13 A/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com