Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN442 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN442
Description  The aim of this note is to show how to connect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN442 Datasheet(HTML) 3 Page - STMicroelectronics

  AN442 Datasheet HTML 1Page - STMicroelectronics AN442 Datasheet HTML 2Page - STMicroelectronics AN442 Datasheet HTML 3Page - STMicroelectronics AN442 Datasheet HTML 4Page - STMicroelectronics AN442 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
AN442 APPLICATION NOTE
Example:
For +5V supply voltage and a LOGIC LEVEL triac with IGT = 10 mA, we have:
Where:
VDD supply voltagage
VOL output low voltage of the microcontroller
VG gate - anode 1 voltage at IG
With:
VDD = 5 V
VOL = 1.3 V
VG = 1.5 V
IG = 20 mA
Therefore:
RG = 110 Ω
To take into account of the dispersion on RG , VDD and on the temperature variation, we generaly choose
about:
IG = 2 .IGT
(IGT = Specified gate trigger current)
tp > 20 µs
Where tp is the pulse duration of gate current.
CONCLUSION
Use ST sensitive triacs driven by an ST microcontrollers and remove the buffer transistors.
This can be achieved thanks to the high current capability of our microcontrollers which are compatible
with our new sensitive triacs (T410, T, TW, S, SW series).
Furthemore a non sensitive triac can be driven by several output ports in parallel.
RG
VDD
VG
–
VOL
–
IG
------------------------------------------
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com