Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN871 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics AN871 Datasheet HTML 10Page - STMicroelectronics AN871 Datasheet HTML 11Page - STMicroelectronics AN871 Datasheet HTML 12Page - STMicroelectronics AN871 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN871 APPLICATION NOTE
10/13
The major part of switches used in car are N-channel MOSFETS. For the high side switches or for the
upper arms of H-bridges as well, an additional specific circuit for the driver must be implemented: auxiliary
power supply, charge pump, bootstrap circuit etc... are needed and therefore increase the circuit complex-
ity and the cost.
We propose the diagram shown in Figure 11
High side switch.
Figure 11. Sensitive SCR can be used as upper arm of H-bridge. The driver, is this case, is
dramatically simplified.
The same logic level signal turns on the MOSFET (Q1) and generates a gate triggering current (through
the motor) to the opposite high side thyristor (T2). When the control signal drops to zero, the MOSFET
turns off and then the SCR opens.
CONCLUSION
The new generations of SCR’s and triacs bring solutions to the increasing demand for a low cost and re-
liable electronic switch in today’s car applications.
The particular characteristics of thyristor offer a powerful and cost effective solution in many applications.
The examples presented in this note concerning ignition circuits, door lock control and various motor
drives can give new ideas to the designer.
SCR’s and triacs are today fully compatible with automotive requirements in terms of quality and reliability.
The technology of these structures is in continuous evolution and a new step has been reached with the
integration of several "discrete" functions on the same silicon die (ASD™ Application Specific Discrete).
Some ASD products, dedicated to applications mentioned in this paper, are in development. This devel-
opment approach opens up a new prospect providing space saving and cost reduction combined with the
quality inherent in the planar technology.
M
+VBAT.
T1
T2
Q1
Q2
10V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com