Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN900 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN900
Description  INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN900 Datasheet(HTML) 3 Page - STMicroelectronics

  AN900 Datasheet HTML 1Page - STMicroelectronics AN900 Datasheet HTML 2Page - STMicroelectronics AN900 Datasheet HTML 3Page - STMicroelectronics AN900 Datasheet HTML 4Page - STMicroelectronics AN900 Datasheet HTML 5Page - STMicroelectronics AN900 Datasheet HTML 6Page - STMicroelectronics AN900 Datasheet HTML 7Page - STMicroelectronics AN900 Datasheet HTML 8Page - STMicroelectronics AN900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
Initially, the silicon chip forms part of a very thin (usually 650 microns), round silicon slice: the
raw wafer. Wafer diameters are typically 125, 150 or 200 mm (5, 6 or 8 inches). However raw
pure silicon has a main electrical property: it is an isolating material. So some of the features
of silicon have to be altered, by means of well controlled processes. This is obtained by
"doping" the silicon.
Dopants (or doping atoms) are purposely inserted in the silicon lattice, hence changing the
features of the material in predefined areas: they are divided into “N” and “P” categories rep-
resenting the negative and positive carriers they hold. Many different dopants are used to
achieve these desired features: Phosphorous, Arsenic (N type) and Boron (P type) are the
most frequently used ones. Semiconductors manufacturers purchase wafers predoped with N
or P impurities to an impurity level of.1 ppm (one doping atom per ten million atoms of silicon).
There are two ways to dope the silicon. The first one is to insert the wafer into a furnace.
Doping gases are then introduced which impregnate the silicon surface. This is one part of the
manufacturing process called diffusion (the other part being the oxide growth). The second
way to dope the silicon is called ionic implantation. In this case, doping atoms are introduced
inside the silicon using an electron beam. Unlike diffusion, ionic implantation allows to put
atoms at a given depth inside the silicon and basically allows a better control of all the main
parameters during the process. Ionic implantation process is simpler than diffusion process
but more costly (ionic implanters are very expensive machines).
Passivation
Wafers are sealed with a passivation layer to prevent the device from contamina-
tion or moisture attack. This layer is usually made of silicon nitride or a silicon oxide
composite.
Back-lap
It’s the last step of wafer fabrication. Wafer thickness is reduced (for microcontroller
chips, thickness is reduced from 650 to 380 microns), and sometimes a thin gold
layer is deposited on the back of the wafer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com