Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN974 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN974
Description  Real time clock with ST7 Timer Output Compare
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN974 Datasheet(HTML) 2 Page - STMicroelectronics

  AN974 Datasheet HTML 1Page - STMicroelectronics AN974 Datasheet HTML 2Page - STMicroelectronics AN974 Datasheet HTML 3Page - STMicroelectronics AN974 Datasheet HTML 4Page - STMicroelectronics AN974 Datasheet HTML 5Page - STMicroelectronics AN974 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Real time clock with ST7 Timer Output Compare
Figure 1. Output Compare Register Update Flowchart
Based on the assumption that fCPU is 4-MHz, Table 1 gives some basic possible time bases
with the Output compare register offset value (OCxHR, OCxLR).
(OCxHR OCxLR )offset =
3 REAL TIME CLOCK APPLICATION
The real time clock application is based on four software counters (100ms, seconds, minutes
and hours) updated by a 100ms ST7 timer output compare 1 interrupt.
Table 1. Output Compare Register and Timebase Values with ftimercnt at 500KHz
Time Base [ms]
2
10
20
50
100
131.07
OCxHR OCxLR offset [hex]
03E8
1388
2710
61A8
C350
FFFF
STORE OCxHR AND OCxLR REGISTER
VALUES IN TEMPORARY REGISTERS
UPDATE OCxHR AND OCxLR VALUES
THROUGH TEMPORARY REGISTERS
STORE NEW OCxHR REGISTER VALUE
STORE NEW OCxLR REGISTER VALUE
2
ftimercnt =
fCPU
(cc1,cc0)
=
8
4 MHz
= 500 KHz
Ttimercnt = 2 us
TimeBase
Ttimercnt
=
TimeBase
2 us



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com