Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1322 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1322
Description  This application note provides information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1322 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1322 Datasheet HTML 1Page - STMicroelectronics AN1322 Datasheet HTML 2Page - STMicroelectronics AN1322 Datasheet HTML 3Page - STMicroelectronics AN1322 Datasheet HTML 4Page - STMicroelectronics AN1322 Datasheet HTML 5Page - STMicroelectronics AN1322 Datasheet HTML 6Page - STMicroelectronics AN1322 Datasheet HTML 7Page - STMicroelectronics AN1322 Datasheet HTML 8Page - STMicroelectronics AN1322 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
MIGRATING AN APPLICATION FROM ST7263 REV.B TO ST7263B
3 HARDWARE CHANGES
For a summary of hardware modifications, please refer to Table 2.
3.1 PULL UP VALUE IN RESET PIN
The value of the weak pull-up resistor for the RESET pin changes from 30 k
Ω for the ST7263
Rev. B to 100 k
Ω for the ST7263B.
3.2 POWER SUPPLY
In ST7263 Rev.B, the operating power supply can lie between 3.0 V to 5.5 V without USB and
4.0 V to 5.5V with USB, while for the ST7263B, the operating supply is fixed at 4.0 V to 5.5 V
(with or without USB ).
3.3 LOW VOLTAGE DETECTOR (LVD)
The LVD generates a Reset when VDD is:
– below 4.00 V for ST7263B (4.00V for ST7263 Rev. B) when VDD is rising,
– below 3.80V for ST7263B (3.70 V for ST7263 Rev.B) when VDD is falling.
Table 2. Hardware Comparison Chart
Please refer to the corresponding datasheet for all electrical characteristics.
ST7263 Rev. B
ST7263B
RESET Pull-up Value
30K
Ω
100K
Ω
Power Supply
3.0 to 5.5V (when USB is Disabled)
4.0 to 5.5 (when USB is enabled)
4.0 to 5.5 V (with or without USB)
LVD Reset Generation
4.00 V when VDD is rising
4.00 V when VDD is rising
3.70 V when VDD is falling
3.80 V when VDD is falling
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com