Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1441 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1441
Description  The ST890 is a low voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1441 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1441 Datasheet HTML 1Page - STMicroelectronics AN1441 Datasheet HTML 2Page - STMicroelectronics AN1441 Datasheet HTML 3Page - STMicroelectronics AN1441 Datasheet HTML 4Page - STMicroelectronics AN1441 Datasheet HTML 5Page - STMicroelectronics AN1441 Datasheet HTML 6Page - STMicroelectronics AN1441 Datasheet HTML 7Page - STMicroelectronics AN1441 Datasheet HTML 8Page - STMicroelectronics AN1441 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN1441
Functional description
Doc ID 8422 Rev 2
5/13
The formula to calculate RSET is:
RSET = VSET / ISET
ISET = ILIMIT / 1110
then:
RSET = 1.24 x 1110 / ILIMIT
where VSET is the pin 5 voltage; in the case of current limitation, this voltage corresponds to
the internal VREF (see Figure 1). ISET is the current flowing into the RSET resistor.
Figure 6 shows the programmable current range joined with the RSET. The minimum ISC
value is up to 200 mA.
Figure 6.
RSET vs. ISC characteristics
1.4
Fault
The FAULT pin (pin 8) is an open drain output useful to warn the microprocessor that a fault
condition has occurred. The fault condition starts in the following conditions:
–
if the IOUT current exceeds the ILIMIT value set
–
if a short-circuit occurs
–
if the devices goes in thermal protection
The FAULT pin should be connected to the IN pin (VCC) by a 100 k pull-up resistor. This N-
channel MOSFET can drive a LED in pull-up configuration as shown in Figure 4: Test circuit.
In a typical USB application the ST890 typically supplies a load up to 44
Ω in parallel with 10
µF that represents any bypass capacitor directly connected across the power USB line.
When the power switch is turned ON, an inrush current flows through the capacitor and
causes an unwanted FAULT warning signal, as seen in Figure 7. To avoid the controller
going into an alarm state, an RC filter can be placed on the FAULT pin, as seen in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com