Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1447 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1447
Description  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1447 Datasheet HTML 1Page - STMicroelectronics AN1447 Datasheet HTML 2Page - STMicroelectronics AN1447 Datasheet HTML 3Page - STMicroelectronics AN1447 Datasheet HTML 4Page - STMicroelectronics AN1447 Datasheet HTML 5Page - STMicroelectronics AN1447 Datasheet HTML 6Page - STMicroelectronics AN1447 Datasheet HTML 7Page - STMicroelectronics AN1447 Datasheet HTML 8Page - STMicroelectronics AN1447 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
ϕ
1, ϕ6 and ϕ5, ϕ7 and ϕ3. Changing the levels applied during phases ϕ0 and ϕ4 does not
change the DC value nor the RMS of
S∆1, S∆2 and S∆3 voltages. It does not change the DC
value of
S∆0 voltage, but affects its RMS, as explained in Table 1.
Table 1. How to switch one segment on and off in 4-multiplexed drive
Note that even if a segment is OFF, its RMS voltage is not zero. As a result, contrast is not as
good as in direct drive. In addition, there is a risk of cross-talk (or ghosting): if segment voltage
(
S∆i) frequency is too high, a segment can become opaque even though the RMS voltage is
below the threshold. So make sure that the driving frequency (considering the whole cycle, i.e.
the 8 phases) is under 2000 Hz typically.
The intermediate voltage
VDD/2 is only required for the backplane voltages. The ST62 I/O pins
connected to the backplanes are configured by software to output mode for 0 or
Vdd levels or
to high impedance input mode for
VDD/2. This intermediate voltage is defined by two equal-
valued resistors externally connected to the I/O pin.
By using an MCU with flexible I/O pin configuration such as a standard ST62, 4-multiplexed
LCD drive can be made with only 8 additional resistors.
S waveform
Segment S0
Other segments
DC
RMS
state
DC
RMS
state
H during
ϕ
0, L during ϕ4
0
(
√3/4).V
DD
OFF
0
only depend on the rest
of
S waveform
L during
ϕ
0, H during ϕ4
0
(
√7/4).V
DD
ON
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com