Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1636 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 5Page - STMicroelectronics AN1636 Datasheet HTML 6Page - STMicroelectronics AN1636 Datasheet HTML 7Page - STMicroelectronics AN1636 Datasheet HTML 8Page - STMicroelectronics AN1636 Datasheet HTML 9Page - STMicroelectronics AN1636 Datasheet HTML 10Page - STMicroelectronics AN1636 Datasheet HTML 11Page - STMicroelectronics AN1636 Datasheet HTML 12Page - STMicroelectronics AN1636 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
Figure 6. Analog multiplexer
2.3 SAMPLE AND HOLD CIRCUIT
The sample and hold circuit samples the input signal and charges the internal hold capacitor
CADC to the voltage equal to VIN through RADC. The analog pin is then disconnected and the
voltage across the capacitor is then converted to digital code using successive approximation.
Figure 7. Sample and Hold circuit
The sample and hold circuit consists of an electrically operated analog switch, internal
charging resistance and hold capacitor.
As soon as the ADC conversion starts, the electrically operated switch is closed, connecting
the hold capacitor to the analog input through the internal ADC resistance RADC. This causes
a charging current to flow into the analog input and the capacitor starts to charge. The time the
switch remains closed is decided by the fADC. It is called sampling time. The sampling time is
generally indicated in the datasheet as a multiple of fADC clock periods.
Time period tAD = 1/fADC
CH[2:0] = 010
To Sample and Hold
AIN0
AIN1
AIN7
Circuit
Analog Input
Channels
Channel selection bits = 010 selects
AIN2
AIN2
\/\/\/\/\/\/
Electrically operated
switch
CADC
RADC
From Analog
Multiplexer
VSSA (Analog Ground)
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com