Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1709 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 3Page - STMicroelectronics AN1709 Datasheet HTML 4Page - STMicroelectronics AN1709 Datasheet HTML 5Page - STMicroelectronics AN1709 Datasheet HTML 6Page - STMicroelectronics AN1709 Datasheet HTML 7Page - STMicroelectronics AN1709 Datasheet HTML 8Page - STMicroelectronics AN1709 Datasheet HTML 9Page - STMicroelectronics AN1709 Datasheet HTML 10Page - STMicroelectronics AN1709 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 3. Simplified diagram of the ESD generator
(Rch = 50M
Ω; Rd = 330Ω)
2.1.1.2 Fast Transient Burst (FTB)
More complex than functional ESD, this test which submits the device to a large quantity of
emitted disturbances in a short time, is useful for detecting infrequent and unrecoverable
(Class B or C) Microcontroller states. FTB disturbances (see Figure 4.) are applied to the Mi-
crocontroller power lines through a capacitive coupling network.
ST Microcontroller FTB test correlates with the standards given in Table 2
Table 2. FTB standards
Figure 4. FTB Waveform Diagram
The spike frequency is 5 kHz. The generator produces bursts of spikes that last 15 ms every
300 ms (75 spikes).
The fast transients are coupled to the device DUT with capacitors CC (See Figure 5.).
EUROPEAN NORM
INTERNATIONAL NORM
DESCRIPTION
EN61000-4-4
IEC 1000-4-4
Fast Transient Burst
ESD
generator
Rch
Rd
Discharge
tip
HV relay
Cs = 150 pF
Discharge return
connection
Voltage
Burst
Voltage
Voltage
Pulse
Burst Length
15ms
Burst Period
300ms
Time
Time
Time
0.9Vpk
Vpk
0.5Vpk
0.1Vpk
5ns
50ns
Repetition Frequency: 5kHz; Bursts will
be repeated for at least 1 minute.
Rising and Duration time (±30%) are re-
ferred to a 50
Ω load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com