Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1712 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1712
Description  GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1712 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1712 Datasheet HTML 5Page - STMicroelectronics AN1712 Datasheet HTML 6Page - STMicroelectronics AN1712 Datasheet HTML 7Page - STMicroelectronics AN1712 Datasheet HTML 8Page - STMicroelectronics AN1712 Datasheet HTML 9Page - STMicroelectronics AN1712 Datasheet HTML 10Page - STMicroelectronics AN1712 Datasheet HTML 11Page - STMicroelectronics AN1712 Datasheet HTML 12Page - STMicroelectronics AN1712 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
Figure 4. PWMART timer initialization
3.3 PWMART INTERRUPT SERVICE ROUTINE
This is the interrupt service routine for the PWMART interrupt. Every time an overflow occurs,
an interrupt is generated (because overflow interrupt is enabled). The PWMART duty cycle is
changed after every “COUNTER” number of overflow cycles. The duty cycle can vary from
~99% to ~1% depending on the sinewave sample values.
AR_TIMER_Init
Start the PWM timer counter, force
counter reload is ON & overflow interrupt
is enabled
Enable PWM0 and con-
figure the polarity
return
Set the frequency of PWMART
by initializing the ARTARR
Initialize the duty cycle
of sinewave to 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com