| Electronic Components Datasheet Search |
|
AN1713 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1713 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() AN1713/0803 1/4 AN1713 APPLICATION NOTE SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL by Microcontroller Division Applications INTRODUCTION The goal of this application note is to implement the SMBus slave protocol using ST7 I2C. The software of this application performs all SMBus bus protocols mentioned in SMBus v1.1. The device chosen here is ST72F264 which has multi-master I2C capability. The program described in this application note is in C language. The driver is compatible with Metrowerks and Cosmic compilers. 1 CHARACTERISTICS The main characteristics of this SMBus slave driver are: s SMBus bus protocols: Quick command, Send/ Receive Byte, Write/ Read Byte, Write/ Read Word, Write/ Read Block, Process Call Word/ Block s Slave SMBus addressing s CRC-8 Packet Error Checking For more details please refer to the SMBus specification v1.1. 2 SMBus The System Management Bus (SMBus) is a two-wire interface through which various system component chips can communicate with each other and with the rest of the system. It is based on the principles of operation of I2C. 2.1 Similarities of SMBus and I2C s 2 wire bus protocol (1 Clk, 1 Data) s Master-slave communication, Master provides clock s Multi master capability s SMBus data format similar to I2C 7-bit addressing format. 1 |
Similar Part No. - AN1713 |
|
Similar Description - AN1713 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |